|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Jump to preceding page Chokes for Power Lines Sine-Wave Chokes Rated voltage 250 Vac Rated current 0,8 to 2,7 A Rated inductance 0,5 to 3,0 mH Construction s s s s B82614 Choke consisting of rectangular ferrite core with air gap Closed polycarbonate coil former with 4 sections Without encapsulation One winding Features s Coil former flame-retardant as per UL 94 V-0 s Recycleable owing to omission of encapsulation and glue Applications s Switch-mode power supplies with current pump s Reduced harmonics input current Terminals s Pins 0,7 x 0,7 mm s Lead spacing 15 x 12,5 mm Marking Manufacturer, ordering code, rated current, rated inductance, rated current Dimensional drawing and pin configuration 150,2 21 max. 8,1 max. 32,5 max. 23,3 max. 12,50,2 0,7 3+0,5 SSB1389-V 31 max. 330 04/00 Jump to succeding page Chokes for Power Lines Sine-Wave Chokes General technical data Rated inductance LR Measured with HP 4275 A or HP 4284 A; Measuring frequency: L 1 mH = 100 kHz L > 1 mH = 10 kHz 30 % Typical values, measured at 20C 250 Vac / 350 Vdc In accordance with IEC 60068-1 40/125/56 (- 40 C/+ 125 C/56 days damp heat test) The chokes comply with EN 60938-2 und VDE 0565-2 Approx. 30 g 1,4 Iop B IR 1,2 R SSB1102-8 B82614 Inductance tolerance DC resistance Rtyp Rated voltage VR Climatic category Standards Weight Current derating Iop/IR versus ambient temperature TA 1,0 0,8 0,6 0,4 0,2 0 0 20 40 60 80 100 C 140 TA Characteristics and ordering codes IR A 0,8 1,0 1,7 2,0 2,4 2,7 LR mH 3,0 2,0 1,5 1,0 0,75 0,5 Rtyp 2,0 1,3 0,62 0,42 0,29 0,23 331 04/00 Ordering code B82614-R2801-A30 B82614-R2102-A30 B82614-R2172-A30 B82614-R2202-A30 B82614-R2242-A30 B82614-R2272-A30 |
Price & Availability of B82614-R2801-A30 |